|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DS2411 Silicon Serial Number with VCC Input www.maxim-ic.com FEATURES Unique, Factory-Lasered and Tested 64-Bit Registration Number (8-Bit Family Code Plus 48-Bit Serial Number Plus 8-Bit CRC Tester); Guaranteed No Two Parts Alike Standby Current <1A Built-In Multidrop Controller Enables Multiple DS2411s to Reside on a Common 1-Wirea Network Multidrop Compatible with Other 1-Wire Products 8-Bit Family Code Identifies Device as DS2411 to the 1-Wire Master Low-Cost TSOC, SOT23-3, and Flip-Chip Surface-Mount Packages Directly Connects to a Single-Port Pin of a Microprocessor and Communicates at up to 15.4kbps Overdrive Mode Boosts Communication Speed to 125kbps Operating Range: 1.5V to 5.25V, -40C to +85C PIN CONFIGURATION 3 1 2 SOT23-3, Top View 1 2 3 TSOC, Top View 6 5 4 1 2 A B Flip Chip, Top view, bumps not visible ORDERING INFORMATION PART DS2411R/ T&R DS2411P DS2411P/ T&R DS2411X TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C PACKAGE SOT23-3, Tape-and-Reel TSOC TSOC, Tape-and-Reel Flip Chip, Tape-and-Reel PIN DESCRIPTION PIN NAME I/O VCC GND N.C. N.C. N.C. SOT23 1 2 3 -- -- -- TSOC 2 6 1 3 4 5 FLIP CHIP A1 B2 B1 A2 -- -- DESCRIPTION The DS2411 silicon serial number is a low-cost, electronic registration number with external power supply. It provides an absolutely unique identity that can be determined with a minimal electronic interface (typically, a single port pin of a microcontroller). The DS2411's registration number is a factory-lasered, 64-bit ROM that includes a unique 48-bit serial number, an 8-bit CRC, and an 8-bit family code (01h). Data is transferred serially through the Dallas Semiconductor's 1-Wire protocol. The external power supply is required, extending the operating voltage range of the device below typical 1-Wire devices. 1-Wire is a registered trademark of Dallas Semiconductor. 1 of 11 052003 DS2411 ABSOLUTE MAXIMUM RATINGS* -0.5V to +6V -0.5V to +6V 20mA -40C to +85C +150C -55C to +125C See IPC/JEDEC J-STD020A Specification * This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. I/O Voltage to GND VCC Voltage to GND I/O, VCC Current Operating Temperature Range Junction Temperature Storage Temperature Range Soldering Temperature ELECTRICAL CHARACTERISTICS (VCC = 1.5V to 5.25V; TA = -40C to +85C.) PARAMETER Operating Temperature Supply Voltage 1-Wire Pullup I/O PIN GENERAL DATA 1-Wire Pullup Resistance Power-Up Delay Input Capacitance Input Load Current Standby Supply Current Active Supply Current High-to-Low Switching Threshold Input Low Voltage Input High Voltage Low-to-High Switching Threshold Switching Hysteresis Output Low Voltage at 4mA Rising Edge Holdoff RPUP tPWRP CIO IL ICCS ICCA VTL VIL VIH VTH VHY VOL tREH SYMBOL TA VCC (Note 1) (Note 1) VCC = VPUP (Note 1) (Notes 1, 2) VCC stable to first 1-Wire command (Notes 1, 3) (Note 3) 0V V(I/O) VCC V(I/O) VIL, or V(I/O) VIH (Notes 3, 4, 5) (Note 1) (Note 1) (Notes 3, 4, 6) (Notes 3, 7) (Note 8) Standard speed (Note 9, 3) Overdrive speed (Note 9, 3) Standard speed, RPUP = 2.2kW (Note 1) Overdrive speed, RPUP = 2.2kW (Note 1) Overdrive speed, directly prior to reset pulse; RPUP = 2.2kW (Note 1) Standard speed Overdrive VCC 2.2V Overdrive VCC 1.5V 2 of 11 CONDITIONS MIN -40 1.5 1.5 0.3 1200 -1 MAX UNITS +85 5.25 5.25 2.2 100 +1 1 100 3.2 0.30 C V V kW s pF A A A V V V 3.4 0.4 5 2 V V V s 0.4 VCC 0.3 0.75 0.18 1.25 0.5 5 2 5 65 8 10 Recovery Time tREC s Timeslot Duration tSLOT s DS2411 PARAMETER SYMBOL CONDITIONS I/O PIN, 1-Wire RESET, PRESENCE DETECT CYCLE Standard speed Reset Low Time tRSTL Overdrive speed Standard speed Presence-Detect High Time tPDH Overdrive VCC 2.2V Overdrive VCC 1.5V Standard speed Presence-Detect Low Time tPDL Overdrive VCC 2.2V Overdrive VCC 1.5V Standard speed (Note 10, 3) Presence-Detect Fall Time tFPD Overdrive speed (Note 10, 3) Standard speed (Note 1) Presence-Detect Sample tMSP Overdrive VCC 2.2V (Note 1) Time Overdrive VCC 1.5V (Note 1) I/O PIN, 1-Wire WRITE Standard speed (Notes 1, 13) Overdrive VCC 2.2V (Notes 1, Write-0 Low Time tW0L 13) Overdrive VCC 1.5V (Notes 1, 13) Standard speed (Notes 1, 11, 13) Write-1 Low Time tW1L Overdrive speed (Notes 1, 11, 13) I/O PIN, 1-Wire READ Standard speed (Notes 1, 11) Read Low Time tRL Overdrive speed (Notes 1, 11) Standard speed (Notes 1, 12) Read Sample Time tMSR Overdrive speed (Notes 1, 12) Note 1: Note 2: MIN 480 60 15 2 2 60 8 8 0.4 0.05 60 6 8.5 60 6 8 5 1 MAX UNITS 640 80 60 6 8.5 240 24 30 8 1 75 10 10 120 16 16 15 - e 2-e s s s s s s s 5 15 - e 1 2-e 15 tRL + d 2 tRL + d s s Note 3: Note 4: Note 5: Note 6: Note 7: Note 8: Note 9: Note 10: System requirement. Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery times. The specified value here applies to systems with only one device and with the minimum 1-Wire recovery times. For more heavily loaded systems, an active pullup such as that found in the DS2480B may be required. Minimum allowable pullup resistance is slightly greater than the value necessary to produce the absolute maximum current (20mA) during 1-Wire low times at VPUP = 5.25V assuming VOL = 0V. Not production tested. VTL and VTH are functions of VCC and temperature. Voltage below which during a falling edge on I/O, a logic `0' is detected. Voltage above which during a rising edge on I/O, a logic `1' is detected. After VTH is crossed during a rising edge on I/O, the voltage on I/O has to drop by VHY to be detected as logic `0'. The I-V characteristic is linear for voltages less than 1V. The earliest recognition of a negative edge is possible at tREH after VTH has been reached on the previous edge. Interval during the negative edge on I/O at the beginning of a presence-detect pulse between the time at which the voltage is 90% of VPUP and the time at which the voltage is 10% of VPUP. 3 of 11 DS2411 Note 11: Note 12: Note 13: e represents the time required for the pullup circuitry to pull the voltage on I/O up VIL to VTH. d represents the time required for the pullup circuitry to pull the voltage on I/O up from VIL to the input-high threshold of the bus master. Interval begins when the voltage drops below VTL during a negative edge on I/O and ends when the voltage rises above VTH during a positive edge on I/O. OPERATION The DS2411's registration number is accessed through a single data line. The 48-bit serial number, 8-bit family code, and 8-bit CRC are retrieved using the Dallas 1-Wire protocol. This protocol defines bus transactions in terms of the bus state during specified time slots that are bus-master-generated falling edges on the I/O pin. All data is read and written least significant bit first. The device requires a delay between VCC power-up and initial 1-Wire communication, tPWRP (1200ms). During this time the device may issue presence-detect pulses. 1-Wire BUS SYSTEM The 1-Wire bus has a single bus master and one or more slaves. In all instances, the DS2411 is a slave device. The bus master is typically either a microcontroller or a Dallas Semiconductor bridge chip such as the DS2480, DS2490, or DS1481. The discussion of this bus system is broken down into three topics: hardware configuration, transaction sequence, and 1-Wire signaling (signal type and timing). Hardware Configuration The 1-Wire bus has a single data line, I/O. It is important that each device on the bus be able to drive I/O at the appropriate time. To facilitate this, each device has an open-drain or three-state output. The DS2411 has an open-drain output with an internal circuit equivalent to that shown in Figure 3. The bus master can have the same equivalent circuit. If a bidirectional pin is not available on the master, separate output and input pins can be connected together. The bus requires a pullup resistor at the master end of the bus, as shown in Figure 4. A multidrop bus consists of a 1-Wire bus with multiple slaves attached. The 1-Wire bus has a maximum data rate of 15.4kbps in standard speed and 125kbps in overdrive. The idle state for the 1-Wire bus is high. If a transaction needs to be suspended for any reason, I/O must remain high if the transaction is to be resumed. If the bus is pulled low, slave devices on the bus will interpret the low as either a timeslot, or a reset depending on the duration. Figure 1. DS2411 REGISTRATION NUMBER MSB 8-BIT CRC CODE MSB LSB MSB 48-BIT SERIAL NUMBER LSB LSB 8-BIT FAMILY CODE (01h) MSB LSB 4 of 11 DS2411 Figure 2. 1-WIRE CRC GENERATOR POLYNOMIAL = X + X + X + 1 8 5 4 1st STAGE 2nd STAGE 3rd STAGE 4th STAGE 5th STAGE 6th STAGE 7th STAGE 8th STAGE X 0 X 1 X 2 X 3 X 4 X 5 X 6 X 7 X 8 INPUT DATA Figure 3. DS2411 EQUIVALENT CIRCUIT VCC Rx I/O Tx -1mA IL 1mA 100 MOSFET GROUND Figure 4. BUS MASTER CIRCUIT a) Open Drain VCC to DS2411 BUS MASTER DS5000 OR 8051 EQUIVALENT Rx Tx Ground to DS2411 RPUP must be between 0.3 kW and 2.2 kW. The optimal value depends on the 1-Wire communication speed and the bus load characteristics. L b) DS2480B Serial Bridge 5V OPERATION ONLY 5V VDD VPP POL Vcc OPEN-DRAIN PORT PIN RPUP I/O to DS2411 UART OR C SOUT (TxD) 1 M SIN (RxD) I/O RxD 1-W DS2480 TxD GND GND * START 0 STOP * ONLY ONE DS9502 ESD PROTECTION DIODE WITH 5V 5 of 11 DS2411 TRANSACTION SEQUENCE The communication sequence for accessing the DS2411 through the 1-Wire bus is as follows: Initialization ROM Function Command Read Data INITIALIZATION All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence consists of a reset pulse transmitted by the bus master followed by a presence pulse(s) transmitted by the slave(s). The presence pulse lets the bus master know that the DS2411 is on the bus and is ready to operate. For more details, see the 1-Wire Signaling section. ROM FUNCTION COMMANDS Once the bus master has detected a presence, it can issue one of the three ROM function commands. All ROM function command codes are 1 byte long. A list of these commands follows (see the flowchart in Figure 5). Read ROM [33h] This command allows the bus master to read the DS2411's 8-bit family code, unique 48-bit serial number, and 8-bit CRC. This command should only be used if there is a single slave device on the bus. If more than one slave is present on the bus, a data collision results when all slaves try to transmit at the same time (open drain produces a wired-AND result), and the resulting registration number read by the master will be invalid. Search ROM [F0h] When a system is initially brought up, the bus master might not know the number of devices on the 1-Wire bus or their registration numbers. By taking advantage of the wired-AND property of the bus, the master can use a process of elimination to identify the registration numbers of all slave devices. For each bit of the registration number, starting with the least significant bit, the bus master issues a triplet of time slots. On the first slot, each slave device participating in the search outputs the true value of its registration number bit. On the second slot, each slave device participating in the search outputs the complemented value of its registration number bit. On the third slot, the master writes the true value of the bit to be selected. All slave devices that do not match the bit written by the master stop participating in the search. If both of the read bits are zero, the master knows that slave devices exist with both states of the bit. By choosing which state to write, the bus master branches in the romcode tree. After one complete pass, the bus master knows the registration number of a single device. Additional passes identify the registration numbers of the remaining devices. Refer to App Note 187: 1-Wire Search Algorithm for a detailed discussion, including an example. Overdrive Skip ROM [3Ch] This command causes all overdrive-capable slave devices on the 1-Wire network to enter overdrive speed (OD = 1). All communication following this command has to occur at overdrive speed until a reset pulse of minimum 480ms duration resets all devices on the bus to regular speed (OD = 0). To subsequently address a specific overdrive-supporting device, a reset pulse at overdrive speed has to be issued followed by a read ROM or search ROM command sequence. Overdrive speeds up the time for the search process. 6 of 11 DS2411 Figure 5. ROM FUNCTIONS FLOW CHART Bus Master Tx Reset Pulse OD Reset Pulse ? Y Bus Master Tx ROM Function Command DS2411 Tx Presence Pulse N OD = 0 33h Read ROM Command? Y N F0h Search ROM Command? Y N 3Ch OD Skip Command? Y OD = 1 N DS2411 Tx Family Code (1 Byte) N DS2411 Tx Bit 0 DS2411 Tx Bit 0 Master Tx Bit 0 Bit 0 Match? Y DS2411 Tx Bit 1 DS2411 Tx Bit 1 Master Tx Bit 1 N Bit 1 Match? Y DS2411 Tx Serial Number (6 Bytes) DS2411 Tx CRC Byte N DS2411 Tx Bit 63 DS2411 Tx Bit 63 Master Tx Bit 63 Bit 63 Match? Y 7 of 11 DS2411 1-WIRE SIGNALING The DS2411 requires strict protocols to ensure data integrity. The protocol consists of four types of signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write 0, Write 1, and Read Data. Except for the presence pulse the bus master initiates all these signals. The DS2411 can communicate at two different speeds: standard speed and Overdrive speed. If not explicitly set into the Overdrive mode, the DS2411 will communicate at standard speed. While in Overdrive Mode the fast timing applies to all waveforms. To get from idle to active, the voltage on the 1-Wire line needs to fall from VPUP below the threshold VTL. To get from active to idle, the voltage needs to rise from VILMAX past the threshold VTH. The voltage VILMAX is relevant for the DS2411 when determining a logical level, but not for triggering any events. The initialization sequence required to begin any communication with the DS2411 is shown in Figure 6. A Reset Pulse followed by a Presence Pulse indicates the DS2411 is ready to receive data, given the correct ROM and memory function command. In a mixed population network, the reset low time tRSTL needs to be long enough for the slowest 1-Wire slave device to recognize it as a reset pulse. If the bus master uses slew-rate control on the falling edge, it must pull down the line for tRSTL + tF to compensate for the edge. A tRSTL duration of 480s or longer will exit the Overdrive Mode returning the device to standard speed. If the DS2411 is in Overdrive Mode and tRSTL is no longer than 80s, the device will remain in Overdrive Mode. After the bus master has released the line it goes into receive mode (RX). Now, the 1-Wire bus is pulled to VPUP via the pullup resistor or, in case of a DS2480B driver, by active circuitry. When the threshold VTH is crossed, the DS2411 waits for tPDH and then transmits a Presence Pulse by pulling the line low for tPDL. To detect a presence pulse, the master must test the logical state of the 1-Wire line at tMSP. The tRSTH window must be at least the sum of tPDHMAX, tPDLMAX, and tRECMIN. Immediately after tRSTH is expired, the DS2411 is ready for data communication. In a mixed population network, tRSTH should be extended to minimum 480s at standard speed and 48s at Overdrive speed to accommodate other 1Wire devices. Read/Write Time Slots Data communication with the DS2411 takes place in time slots that carry a single bit each. Write time slots transport data from bus master to slave. Read time-slots transfer data from slave to master. The definitions of the write and read time slots are illustrated in Figure 7. All communication begins with the master pulling the data line low. As the voltage on the 1-Wire line falls below the threshold VTL, the DS2411 starts its internal timing generator that determines when the data line will be sampled during a write time slot and how long data will be valid during a read time slot. Master to Slave For a write-one time slot, the voltage on the data line must have crossed the VTHMAX threshold after the write-one low time tW1LMAX is expired. For a write-zero time slot, the voltage on the data line must stay below the VTHMIN threshold until the write-zero low time tW0LMIN is expired. For most reliable communication the voltage on the data line should not exceed VILMAX during the entire tW0L window. After the VTHMAX threshold has been crossed, the DS2411 needs a recovery time tREC before it is ready for the next time slot. 8 of 11 DS2411 INITIALIZATION PROCEDURE Figure 6. Reset and Presence Pulse MA ST ER Tx RESET PULSE V PUP V IHM AS TER V TH V TL V ILM A X 0V M A ST ER Rx PR ES ENC E P ULSE e t M SP tF t RS TL t P DH M A ST ER t PDL t RS TH t RE C D S2411 RES IST O R READ/WRITE TIMING DIAGRAM Figure 7a. Write-One Time Slot V PUP V IHMASTER V TH V TL V ILMAX 0V tW 1L tF e tSLOT RESISTOR MASTER DS2411 Figure 7b. Write-Zero Time Slot V PU P V IHM ASTER V TH V TL V ILM A X 0V tW 0L tF t R EC t SLOT RES IST O R M A ST ER D S2411 Figure 7c. Read-data Time Slot V PU P V IH M A S TE R V TH V ILM A X 0V V TL tR L tM S R M A S TE R S A M P LING W IN DOW tF d tR E C t SLO T R ES IST O R M A ST ER D S24 11 9 of 11 DS2411 Slave to Master A read-data time slot begins like a write-one time slot. The voltage on the data line must remain below VTLMIN until the read low time tRL is expired. During the tRL window, when responding with a 0, the DS2411 will start pulling the data line low; its internal timing generator determines when this pull-down ends and the voltage starts rising again. When responding with a 1, the DS2411 will not hold the data line low at all, and the voltage starts rising as soon as tRL is over. The sum of tRL + d (rise rime) on one side and the internal timing generator of the DS2411 on the other side define the master sampling window (tMSRMIN to tMSRMAX) in which the master must perform a read from the data line. For most reliable communication, tRL should be as short as permissible and the master should read close to but no later than tMSRMAX. After reading from the data line, the master must wait until tSLOT is expired. This guarantees sufficient recovery time tREC for the DS2411 to get ready for the next time slot. Improved Network Behavior In a 1-Wire environment, line termination is possible only during transients controlled by the bus master (1-Wire driver). 1-Wire networks therefore are susceptible to noise of various origins. Depending on the physical size and topology of the network, reflections from end points and branch points can add up or cancel each other to some extent. Such reflections are visible as glitches or ringing on the 1-Wire communication line. A glitch during the rising edge of a time slot can cause a slave device to lose synchronization with the master and, as a consequence, result in a search ROM command coming to a dead end. For better performance in network applications, the DS2411 uses a new 1-Wire front end, which makes it less sensitive to noise and also reduces the magnitude of noise injected by the slave device itself. The 1-Wire front end of the DS2411 differs from traditional slave devices in four characteristics. 1) The falling edge of the presence pulse has a controlled slew rate. This provides a better match to the line impedance than a digitally switched transistor, converting the high frequency ringing known from traditional devices into a smoother low-bandwidth transition. The slew rate control is specified by the parameter tFPD, which has different values for standard and Overdrive speed. 2) There is additional low-pass filtering in the circuit that detects the falling edge at the beginning of a time slot. This reduces the sensitivity to high-frequency noise. As a consequence, the duration of the setup time tSU at standard speed is larger than with traditional devices. This additional filtering does not apply at Overdrive speed. 3) There is a hysteresis at the low-to-high switching threshold VTH. If a negative glitch crosses VTH but doesn't go below VTH - VHY, it will not be recognized (Figure 8, Case A). The hysteresis is effective at any 1-Wire speed. 4) There is a time window specified by the rising edge hold-off time tREH during which glitches will be ignored, even if they extend below VTH - VHY threshold (Figure 8, Case B, tGL < tREH). Deep voltage droops or glitches that appear late after crossing the VTH threshold and extend beyond the tREH window cannot be filtered out and will be taken as beginning of a new time slot (Figure 8, Case C, tGL tREH). The duration of the hold-off time is independent of the 1-Wire speed. Only devices which have the parameters tFPD, VHY and tREH specified in their electrical characteristics use the improved 1-Wire front end. 10 of 11 DS2411 NOISE SUPPRESSION SCHEME Figure 8 VPUP VTH VHY Case A 0V Case B tGL Case C tGL tREH tREH CRC GENERATION To validate the registration number transmitted from the DS2411, the bus master can generate a CRC value from the 8-bit family code and unique 48-bit serial number as it is received. If the CRC matches the last 8 bits of the registration number, the transmission is error free. The equivalent polynomial function of this CRC is: CRC = x8 + x5 + x4 + 1. CUSTOM DS2411 Customization of a portion of the unique 48-bit serial number by the customer is available. Dallas Semiconductor will register and assign a specific customer ID in the 12 most significant bits of the 48-bit field. The next most significant bits are selectable by the customer as a starting value, and the least significant bits are non-selectable and will be automatically incremented by one. Certain quantities and conditions apply for these custom parts. Contact your Maxim/Dallas Semiconductor sales representative for more information. 11 of 11 |
Price & Availability of DS2411 |